Part Number Hot Search : 
ORD9702 2011D TF201 TF201 SMBG5924 R05D12 S05A90PT 1N5248
Product Description
Full Text Search
 

To Download PPL03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
Hybrid Wire Grid Polarizer & Thin Film Dichroic Filter
Bookham and Moxtek, Inc. have collaborated to produce a hybrid Optical Wire Grid Polarizer and Thin Film Dichroic Filter combined on a common glass substrate and specifically designed for projection devices.
The Bookham AED coating technology produces dichroic filters with industry leading performance and quality. Combined with Moxtek's best in class ProFluxTM wire grid polarizers, the hybrid dichroic/polarizer provides an unbeatable combination of price and performance. Product Features: * The Polarizer and Dichroic Filter combination will replace each of the two separate elements in a standard system * Improved optical efficiency with less optical surfaces * Reduces the cost of an extra optical component and manufacturing assembly process
1
ProFluxTM polarizers are superior to all other normal incidence polarizers
* Operate without degradation at high heat and light levels. * Operate at acceptance angles of 20 without depolarization of the skew rays and without compensation films. * Operate without degradation in typical consumer display environments. * Operate in combination with ProFluxTM beam splitters enabling system contrast of >10,000:1
ProFluxTM polarizers are recommended for use as prepolarizers and analyzers and in polarization recovery products with incident angles less than 20. They may be ordered in any rectangular size from 10mm x 10mm to 90mm x 90mm. Smaller sizes, other shapes (such as circles and triangles) are available as special orders. In order to provide optimum application performance, ProFluxTM polarizers are available with various combinations of high contrast and high transmission.
Transmission Comparison
PPL03 94 92 90
PPL04
PPL05
ProFluxTM Products
PPL03 - General Purpose Polarizer
Designed to be used where both Transmission and contrast are of Equal importance: * Optical systems where Tp and Tc are equally critical * General purpose applications * Optical instruments
Transmission
88 86 84 82 80 78 450 500 550 600 650 700
Wavelength
PPL04 - High Contrast Polarizar
Designed to be used when system contrast is of key importance:
Contrast Comparison
* Prepolarizer for transmissive light valve systems
PPL04 PPL05
PPL03
1400 1200 1000
* Cleanup polarizer for transmissive systems with advanced designs. * Polarizer for systems requiring high contrast
Contrast
800 600 400 200 0
PPL05 - Very High Transmission Polarizer
Designed to maximize light transmission: * Polarization recovery in light sources
500 550 600 650 700
450
* Illumination stage pre-polarizer
Wavelength
2
The following chart contains the performance specifications for all ProFluxTM normal incidence polarizers with standard AR coating.
Performance Specifications at Normal Incidence
450 nm Product Tp(%) PPL03C (General Purpose) Ts(%) Contrast Tp(%) PPL04C (High Contrast) Ts(%) Contrast Tp(%) PPLO5 (Very High Transmission) Ts(%) Contrast Typical 85.7 0.23 370 83.5 0.10 835 91.1 0.52 175 Min/Max 84.0 Min 0.27 Max 310 Min 82.0 Min 0.12 Max 680 Min 88.6 Min 0.89 Max 100 Min 550nm Typical 87.0 0.14 620 84.9 0.08 1060 92.5 0.25 370 Min/Max 84.7 Min 0.16 Max 530 Min 82.0 Min 0.10 Max 820 Min 90.0 Min 0.43 Max 210 Min 650nm Typical 86.1 0.09 950 83.9 0.07 1200 92.1 0.15 614 Min/Max 84.2 Min 0.11 Max 760 Min 82.0 Min 0.08 Max 1020 Min 88.5 Min 0.26 Max 340 Min
Off-Axis Performance
The light entering a polarizer is typically a cone. The size of the cone depends upon the f/number of the system. Most systems us a cone half angle of less than 20. The ProFluxTM polarizer performance changes very little with angle of incidence, resulting in uniform system performance over the aperture. This is illustrated in the typical off-axis 1/2 angle performance graphs of transmittance and contrast shown below.
Off-Axis Transmittance
Off-Axis Contrast (typical)
0 Degrees
6% 5% 4% 3%
10 Degrees
20 Degrees
12% 11% 10% 9%
0 Degrees
10 Degrees
20 Degrees
Transmission
2% 1% 0% -1% -2% -3% -4% -5% -6%
Transmission
500 550 600 650 700
8% 7% 6% 5% 4% 3% 2% 1% 0%
450
450
500
550
600
650
700
Wavelength
Wavelength
3
Data Sheet
Color ColorLocTM
Dichroic Filters
projectors. The ultra hard-coated interference filter permits precise visible spectrum selection by either transmission or reflection.
Bookham Dichroic Filters are optimized for enhanced resolution, color purity, and high brightness used in high performance digital
Product Features: * Precise edge control * Excellent blocking levels for better color purity * High transmission for better light output * Steep slopes for excellent color control * Durable hard coatings * Custom filter designs * Competitive pricing * Unmatched stability with lifetime and environmental exposure
Contact Information
Bookham Display Products
3640 Westwind Boulevard Santa Rosa, CA 95403 - 1037 Tel: 707 292-3693 Fax: 707 636-1199 Sales@bookham.com www.bookham.com
Bookham Worldwide
2584 Junction Avenue San Jose, CA 95134-1902 Tel: 408 919-1500 Fax: 408 919-6083
Important Notice
Performance figures, data and any illustrative material provided in this data sheet are typical and must be specifically confirmed in writing by Bookham before they become applicable to any particular order or contract. In accordance with the Bookham policy of continuous improvement specifications may change without notice. The publication of information in this data sheet does not imply freedom from patent or other protective rights of Bookham or others. Further details are available from any Bookham sales representative.
4
Rev 1.0 June 2006


▲Up To Search▲   

 
Price & Availability of PPL03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X